PART |
Description |
Maker |
MUR440RL MUR460RL MUR410 MUR410RL MUR420RL |
Switchmode™ Power Rectifier 4A 600V Ultrafast Rectifier 4A 100V Ultrafast Rectifier 4A 200V Ultrafast Rectifier
|
ON Semiconductor
|
APT2X31D20J_05 APT2X30D20J APT2X31D20J APT2X31D20J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
APT15D60KG APT15D60SA APT15D60SAG |
Fast Recovery Epitaxial Diode; Package: TO-220 [K]; IO (A): 15; VR (V): 600; trr (nsec): 21; VF (V): 1.6; Qrr (nC): 520; 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. Microsemi Corporation
|
APT30D60BHB_05 APT30D60BHB APT30D60BHBG APT30D60BH |
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE Fast Recovery Epitaxial Diode; Package: TO-247 [B]; IO (A): 30; VR (V): 600; trr (nsec): 25; VF (V): 1.6; Qrr (nC): 700; 27 A, 600 V, SILICON, RECTIFIER DIODE, TO-247AD
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Microsemi, Corp.
|
APT15DQ60B APT15DQ60BG |
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE Fast Recovery Epitaxial Diode; Package: TO-247 [B]; IO (A): 15; VR (V): 600; trr (nsec): 16; VF (V): 2; Qrr (nC): 250; 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-247
|
Microsemi Corporation Microsemi, Corp.
|
APT30D100SG APT30D100B APT30D100B_05 APT30D100BG A |
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE Fast Recovery Epitaxial Diode; Package: TO-247 [B]; IO (A): 30; VR (V): 1000; trr (nsec): 29; VF (V): 1.9; Qrr (nC): 2350; 30 A, 1000 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 1000; trr (nsec): 29; VF (V): 1.9; Qrr (nC): 2350;
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Microsemi, Corp. MICROSEMI POWER PRODUCTS GROUP
|
1N3296S 1N3289S 1N3295S 1N3297S 1N3288S 1N413B 1N1 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 100 A, 50 V, SILICON, RECTIFIER DIODE, DO-205AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
UGN3130LT UGN3140LT UGS3130LT UGN3130U UGN3130UA |
ULTRAFAST POWER RECTIFIER DIODE 霍尔效应开 High efficiency ultrafast diode HIGH FREQUENCY SECONDARY RECTIFIER Fast recovery rectifier diodes
|
Allegro MicroSystems, Inc.
|
30S3 30S8 30S 30S1 30S10 30S2 30S4 30S5 30S6 30S05 |
Standard Rectifier (trr more than 500ns) 3 AMP MEDIUM POWER SILICON RECTIFIER DIODES 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor
|
MICROSEMI[Microsemi Corporation]
|
1N387907 1N3883R 1N3879R 1N381 1N382 1N3882R |
Fast Recovery Rectifier Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 400; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 50; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 300; trr (nsec): 200; VF (V): 1.4; IR (µA): 15;
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
ES2D-A ES2G-A ES2A-A ES2C-A ES2B-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE拢潞50 TO 400V CURRENT拢潞2.0A SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE锛?0 TO 400V CURRENT锛?.0A SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE?0 TO 400V CURRENT?.0A
|
Gulf Semiconductor
|
JANTX1N3289 JANTX1N3289R JAN1N3295R |
Standard Rectifier (trr more than 500ns)
|
Microsemi
|